| データシートサーチシステム |
|
WM8778EDS/R データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8778EDS/R データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 50 page ![]() Product Preview WM8778 w PP Rev 1.7 June 2004 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMP. RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMP WM8778EDS -25 to +85 oC 28-pin SSOP MSL1 240 °C WM8778EDS/R -25 to +85 oC 28-pin SSOP (tape and reel) MSL1 240 °C WM8778SEDS -25 to +85 oC 28-pin SSOP (lead free) MSL1 260 °C WM8778SEDS/R -25 to +85 oC 28-pin SSOP (lead free, tape and reel) MSL1 260 °C Note: Reel quantity = 2,000 |