| データシートサーチシステム |
|
WM8778EDS/R データシート(PDF) 32 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8778EDS/R データシート(HTML) 32 Page - Wolfson Microelectronics plc |
|
32 / 50 page ![]() WM8778 Product Preview w PP Rev 1.7 June 2004 32 LIMITER / AUTOMATIC LEVEL CONTROL (ALC) The WM8778 has an automatic pga gain control circuit, which can function as a peak limiter or as an automatic level control (ALC). In peak limiter mode, a digital peak detector detects when the input signal goes above a predefined level and will ramp the pga gain down to prevent the signal becoming too large for the input range of the ADC. When the signal returns to a level below the threshold, the pga gain is slowly returned to its starting level. The peak limiter cannot increase the pga gain above its static level. Figure 22 Limiter Operation In ALC mode, the circuit aims to keep a constant recording volume irrespective of the input signal level. This is achieved by continuously adjusting the PGA gain so that the signal level at the ADC input remains constant. A digital peak detector monitors the ADC output and changes the PGA gain if necessary. Figure 23 ALC Operation hold time decay time attack time input signal signal after ALC PGA gain ALC target level input signal signal after PGA PGA gain Limiter threshold attack time decay time |