データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4851-1WYRJZ-R7 データシート(PDF) 6 Page - Analog Devices

部品番号 ADA4851-1WYRJZ-R7
部品情報  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1WYRJZ-R7 データシート(HTML) 6 Page - Analog Devices

Back Button ADA4851-1WYRJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 6 of 24
SPECIFICATIONS WITH +5 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.1 V p-p
96
125
MHz
ADA4851-1W/2W/4W only: TMIN to TMAX
90
MHz
G = +1, VOUT = 0.5 V p-p
72
96
MHz
ADA4851-1W/2W/4W only: TMIN to TMAX
64
MHz
G = +2, VOUT = 1.4 V p-p, RL = 150 Ω
35
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 1.4 V p-p, RL = 150 Ω
11
MHz
Slew Rate
G = +2, VOUT = 2 V step
200
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step, RL = 150 Ω
55
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD3
fC = 1 MHz, VOUT = 2 V p-p, G = +1
−80/−100
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +2, NTSC, RL = 150 Ω, VOUT = 2 V p-p
0.08
%
Differential Phase
G = +2, NTSC, RL = 150 Ω, VOUT = 2 V p-p
0.11
Degrees
Crosstalk (RTI)—ADA4851-2/ADA4851-4
f = 5 MHz, G = +2, VOUT = 2.0 V p-p
−70/−60
dB
DC PERFORMANCE
Input Offset Voltage
0.6
3.4
mV
ADA4851-1W/2W/4W only: TMIN to TMAX
7.4
mV
Input Offset Voltage Drift
4
μV/°C
Input Bias Current
2.2
3.9
μA
ADA4851-1W/2W/4W only: TMIN to TMAX
4.9
μA
Input Bias Current Drift
6
nA/°C
Input Bias Offset Current
20
nA
Open-Loop Gain
VOUT = 1 V to 4 V
97
107
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
90
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
MΩ
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−0.2 to +2.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = +5.5 V, −0.5 V, G = +1
50/45
ns
Common-Mode Rejection Ratio
VCM = 0 V to 2 V
−86
−105
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
−80
dB
POWER-DOWN—ADA4851-1 ONLY
Power-Down Input Voltage
Power-down
<1.1
V
Power-up
>1.6
V
Turn-Off Time
0.7
μs
Turn-On Time
50
ns
Power-Down Bias Current
Enabled
POWER DOWN = 5 V
33
40
μA
ADA4851-1W only: TMIN to TMAX
40
μA
Power-Down
POWER DOWN = 0 V
−22
−30
μA
ADA4851-1W only: TMIN to TMAX
−30
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com