データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4851-1WYRJZ-R7 データシート(PDF) 1 Page - Analog Devices

部品番号 ADA4851-1WYRJZ-R7
部品情報  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1WYRJZ-R7 データシート(HTML) 1 Page - Analog Devices

  ADA4851-1WYRJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, High Speed, Rail-to-Rail,
Output Op Amps
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Qualified for automotive applications
High speed
130 MHz, −3 dB bandwidth
375 V/μs slew rate
55 ns settling time to 0.1%
Excellent video specifications
0.1 dB flatness: 11 MHz
Differential gain: 0.08%
Differential phase: 0.09°
Fully specified at +3 V, +5 V, and ±5 V supplies
Rail-to-rail output
Output swings to within 60 mV of either rail
Low voltage offset: 0.6 mV
Wide supply range: 2.7 V to 12 V
Low power: 2.5 mA per amplifier
Power-down mode
Available in space-saving packages
6-lead SOT-23, 8-lead MSOP, and 14-lead TSSOP
APPLICATIONS
Automotive infotainment systems
Automotive driver assistance systems
Consumer video
Professional video
Video switchers
Active filters
Clock buffers
PIN CONFIGURATIONS
VOUT 1
+IN 3
2
ADA4851-1
TOP VIEW (Not to Scale)
–VS
+VS
6
–IN
4
5
POWER DOWN
Figure 1. ADA4851-1, 6-Lead SOT-23 (RJ-6)
OUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
OUT
7
–IN2
6
+IN2
5
ADA4851-2
TOP VIEW
(Not to Scale)
Figure 2. ADA4851-2, 8-Lead MSOP (RM-8)
1
2
3
4
5
6
7
ADA4851-4
TOP VIEW
(Not to Scale)
–IN 1
+IN 1
+VS
VOUT 2
–IN 2
+IN 2
VOUT 1
14
13
12
11
10
9
8
–IN 4
+IN 4
–VS
VOUT 3
–IN 3
+IN 3
VOUT 4
Figure 3. ADA4851-4, 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The ADA4851-1 (single), ADA4851-2 (dual), and ADA4851-4
(quad) are low cost, high speed, voltage feedback rail-to-rail
output op amps. Despite their low price, these parts provide
excellent overall performance and versatility. The 130 MHz,
−3 dB bandwidth and high slew rate make these amplifiers well
suited for many general-purpose, high speed applications.
The ADA4851 family is designed to operate at supply voltages
as low as +3 V and up to ±5 V. These parts provide true single-
supply capability, allowing input signals to extend 200 mV
below the negative rail and to within 2.2 V of the positive rail.
On the output, the amplifiers can swing within 60 mV of either
supply rail.
With their combination of low price, excellent differential gain
(0.08%), differential phase (0.09º), and 0.1 dB flatness out to
11 MHz, these amplifiers are ideal for consumer video applications.
The ADA4851-1W, ADA4851-2W, and ADA4851-4W are
automotive grade versions, qualified for automotive applications.
See the Automotive Products section for more details. The
ADA4851 family is designed to work over the extended
temperature range (−40°C to +125°C).
1
100
10
1k
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
4
3
G = +1
VS = 5V
RL = 1kΩ
CL = 5pF
Figure 4. Small-Signal Frequency Response


同様の部品番号 - ADA4851-1WYRJZ-R7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
407Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results

同様の説明 - ADA4851-1WYRJZ-R7

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
logo
Analog Devices
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
Low Cost, High Speed, Rail-to-Rail Output Op Amps
5/05-Rev. B to Rev. C
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
4/06-Rev. C to Rev. D
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Analog Devices
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com