データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ITMS4037 データシート(PDF) 1 Page - Red Lion Controls. Inc

部品番号 ITMS4037
部品情報  MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  REDLION [Red Lion Controls. Inc]
ホームページ  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ITMS4037 データシート(HTML) 1 Page - Red Lion Controls. Inc

  ITMS4037 Datasheet HTML 1Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 2Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 3Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 4Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 5Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 6Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 7Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 8Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GENERAL DESCRIPTION
The ITMS4037 Intelligent Temperature to MODBUS™ Conditioner with
Alarms accepts a wide range of temperature sensors (thermocouple and RTD
elements), and converts the signal into a register format that can be read using
either ASCII or RTU MODBUS protocol.
The ITMS allows a choice of either Fahrenheit or Celsius readout with 0.1 or
1 degree of resolution. An offset value can be programmed to scale the input
signal to meet most process requirements. Additionally, two setpoint values can
be entered for dual relay process monitoring alarms.
The ITMS is programmed with Windows™ based SFIMS software. The
software allows configuration, calibration, and storage of ITMS program files.
Additionally, all setup parameters can be interrogated and modified through
MODBUS register and coil commands.
The RS485 port allows the ITMS to be multidropped, with Baud rates up to
38400. The CBPRO007 programming cable converts the RS232 port of a PC to
RS485, and is terminated with an RJ-11 connector. The bidirectional capability
of the CBPRO007 allows it to be used as a permanent interface cable as well as
a programming cable.
The ITMS’s two relay alarms can be configured independently for absolute
high or low acting with balanced or unbalanced hysteresis. Alarm 2 can also be
configured for deviation and band alarms. In these modes, Setpoint 2 tracks
Setpoint 1. Adjustable alarm trip delays can be used for delaying output
response. The alarms can be programmed for Automatic or Latching. Latched
alarms can be reset with a serial command or a user input. A standby feature
suppresses the alarm during power-up until the temperature stabilizes outside
the alarm region. Standby eliminates power-up tripping for low acting alarms.
A user input can be used to set and reset non-latching alarms. The output relays
can also be manually controlled with register commands.
The module’s high density packaging and DIN rail mounting saves time and
panel space. The module is equipped with a universal mounting foot for
attachment to standard DIN rails, including top hat (T) profile or G profile rail.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
1
TEMPERATURE TO MODBUS CONVERSION
ACCEPTS THERMOCOUPLE, RTD, mV OR RESISTANCE
SIGNALS
PROCESSOR BASED SCALING
PC CONFIGURATION SOFTWARE
DUAL SETPOINT RELAY ALARMS
FOUR WAY SIGNAL ISOLATION
MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
MODEL
ITMS
DESCRIPTION
Temperature to MODBUS Conditioner w/Alarms
PART NUMBER
ITMS4037
CBPRO
SFIMS
Programming Interface Cable
PC Configuration Software for Windows
CBPRO007
SFIMS
CBJ
Cable RJ11 to Unterminated 7 foot length
CBJ11A07
RJ Connector to Terminal Adapter
Cable RJ11 to RJ11 6 inch jumper
DRRJ11T6
CBJ11BD5
ORDERING INFORMATION
DIMENSIONS In inches (mm)
CAUTION: Read complete
instructions prior to installation
and operation of the unit.
CAUTION: Risk of electric shock.
Bulletin No. ITMS-B
Drawing No. LP0494
Released 1/07
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
UL Recognized Component,
File # E179259


同様の部品番号 - ITMS4037

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
Eco Series Single Channel Integrated Tap Monitors
ITMS-S0019 OPLINK-ITMS-S0019 Datasheet
127Kb / 2P
Single Channel Integrated Tap Monitors
ITMS302050011 OPLINK-ITMS302050011 Datasheet
260Kb / 2P
Single Channel Integrated Tap Monitors
ITMS302050012 OPLINK-ITMS302050012 Datasheet
260Kb / 2P
Single Channel Integrated Tap Monitors
ITMS302050041 OPLINK-ITMS302050041 Datasheet
260Kb / 2P
Single Channel Integrated Tap Monitors
More results

同様の説明 - ITMS4037

メーカー部品番号データシート部品情報
logo
Systemsensor advanced i...
5251P SYSTEMSENSOR-5251P Datasheet
41Kb / 4P
Intelligent Plug-In Model Fixed Temperature Sensor
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
Thermocouple Temperature Signal Input Alarms
logo
MKS Instruments.
AX2500 MKS-AX2500 Datasheet
225Kb / 4P
mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
logo
Schneider Electric
METSEPM5110 SCHNEIDER-METSEPM5110 Datasheet
182Kb / 4P
PM5110 Meter, modbus, up to 15th H, 1DO 33 alarms
May 20, 2020
METSEPM5330 SCHNEIDER-METSEPM5330 Datasheet
174Kb / 4P
PM5330 Meter, modbus, up to 31st H, 256K 2DI/2DO 35 alarms
May 21, 2020
logo
WAGO Kontakttechnik Gmb...
789-622 WAGO-789-622 Datasheet
418Kb / 5P
Current signal conditioner; Current input signal: 50 AAC; Modbus RTU;
789-621 WAGO-789-621 Datasheet
253Kb / 5P
Current signal conditioner; Current input signal: 140 ADC; Modbus RTU;
789-620 WAGO-789-620 Datasheet
399Kb / 5P
Current signal conditioner; Current input signal: 80 ADC; Modbus RTU;
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
logo
E+E Elektronik Ges.m.b....
EE074 EPLUSE-EE074 Datasheet
1Mb / 8P
Temperature Probe with Modbus RTU
03-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com