データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ITMS4037 データシート(PDF) 12 Page - Red Lion Controls. Inc

部品番号 ITMS4037
部品情報  MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  REDLION [Red Lion Controls. Inc]
ホームページ  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ITMS4037 データシート(HTML) 12 Page - Red Lion Controls. Inc

Back Button ITMS4037 Datasheet HTML 8Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 9Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 10Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 11Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 12Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 13Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 14Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 15Page - Red Lion Controls. Inc ITMS4037 Datasheet HTML 16Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
“1” = Open RTD or TC, causes Process Temp. Value to be 32002, disables alarms, causes no LED indication.
COIL ADDRESS
COIL NAME
ACCESS
COMMENTS
1
Baud B0
Read/Write
See Communication Register and Coils Table.
2
Baud B1
Read/Write
See Communication Register and Coils Table.
3
Baud B2
Read/Write
See Communication Register and Coils Table.
4
Parity B3
Read/Write
See Communication Register and Coils Table.
5
Parity B4
Read/Write
See Communication Register and Coils Table.
6
Data Bits B5
Read/Write
See Communication Register and Coils Table.
7
Mode B6
Read/Write
See Communication Register and Coils Table.
8
Change B7
Read/Write
“1” = Change ITMS communications to above settings.
9
P. Checksum Error
Read/Write
“1” = Parameter checksum error, disables alarms, causes flashing LEDs.
10
C. Checksum Error
Read/Write
“1” = Calibration checksum error, disables alarms, causes flashing LEDs.
11
AL 1 Over Range
Read Only
“1” = Alarm 1 Threshold over range, disables alarms, causes no LED indication.
12
AL 2 Over Range
Read Only
13
Open Input
14
Over Range
“1” = Alarm 2 Threshold over range, disables alarms, causes no LED indication.
Read Only
“1” = Over Range, causes Process Temp. Value to be 32001, disables alarms, causes no LED indication.
Read Only
15
Under Range
Read Only
“1” = Under Range, causes Process Temp. Value to be -32001, disables alarms, causes no LED indication.
16
Shorted RTD
Read Only
“1” = Shorted RTD, causes Process Temp. Value to be -32002, disables alarms, causes no LED indication.
REGISTER TABLE
The below limits are shown as Integers or HEX < > values. Read and write functions can be performed in either Integers or HEX as long as the conversion was
done correctly. Negative numbers are represented by two’s complement.
COILS TABLE (COMMUNICATION AND ERRORS)
* For Input Registers, replace the 4xxxx with a 3xxxx in the above register address. The 3xxxx are a mirror of the 4xxxx Holding Registers.
An attempt to exceed a limit will set the register to its high or low limit value.
Coils 1-7 mirror register 40026 and Coils 9-16 mirror register 40025.
REGISTER
ADDRESS *
REGISTER NAME
LOW LIMIT
HIGH LIMIT
ACCESS
COMMENTS
40007
CJ Temp
-32000
32000
40001
ADC reading
N/A
N/A
Read Only
ADC (Analog to Digital Converter) reading of present input level.
Read/Write
Cold Junction calibration temp (1 = 0.01°C).
40009
High Resolution
40002
Process Temperature Value
N/A
N/A
Read Only
Process Value (with scale and offset) of present input level.
0
1
Read/Write
0 = 1 degree, 1 = 0.1 degree.
40003
Floating Point LO
N/A
N/A
Read Only
IEEE Standard 754 Floating Decimal Point, low order of Temperature Value.
(Allows 32 bit accuracy for external monitoring.)
40013
User Input Action
<0000>
<0015>
40004
Floating Point HI
N/A
N/A
Read Only
IEEE Standard 754 Floating Decimal Point, high order of Temperature Value.
(Allows 32 bit accuracy for external monitoring.)
Read/Write
See User Input Action Register Table.
40022
Sensor Failure Action
40005
User Input Pin State
N/A
N/A
Read Only
0 = Active, 1 = Inactive.
0
3
Read/Write
See Sensor Failure Action For Alarm State Table.
40006
Temperature Scale
0
1
Read/Write
0 = °F, 1= °C.
40008
Input Type
0
13
Read/Write
See Input Type Register Table.
40010
Filter Band
0
32000
Read/Write
See Filter Band explanation.
40011
Filter Response Time
0
1000
Read/Write
See Filter Response Time explanation (1 = 0.1 second).
40012
Offset Value
-32000
32000
Read/Write
See Offset explanation.
40014
Alarm 2 Action
<0000>
<0038>
Read/Write
See Alarm 1 & 2 Action Register Table.
40015
Setpoint 2 Value
-32000
32000
Read/Write
Alarm 2 setpoint value based on Process Value.
40016
Alarm 2 Hysteresis
1
32000
Read/Write
Alarm 2 hysteresis value based on Process Value.
40017
Alarm 2 Delay
0
32000
Read/Write
Alarm 2 delay trip on time (1 = 1 second).
40018
Alarm 1 Action
<0000>
<0034>
Read/Write
See Alarm 1 & 2 Action Register Table.
40019
Setpoint 1 Value
-32000
32000
Read/Write
Alarm 1 setpoint value based on Process Value.
40020
Alarm 1 Hysteresis
1
32000
Read/Write
Alarm 1 hysteresis value based on Process Value.
40021
Alarm 1 Delay
0
32000
Read/Write
Alarm 1 delay trip on time (1 = 1 second).
40023
Transmit Delay
1
255
Read/Write
Delay before serial transmission (1 = 1 msec). See Transmit Delay Explanation.
40024
Node (Unit) Address
1
247
Read/Write
Node serial ITMS address.
40025
Error Coils
<0000>
<0003>
Read/Write
Mirror of Coils 9-16. See Coil Table.
40026
Comm. Coils
<0020>
<00FF>
Read/Write
Mirror of Coils 1-8. See Coil Table and Communications Table.
40027
Alarm 1 State
0
1
Read/Write
Alarm 1 state (1 = on).
40028
Alarm 2 State
0
1
Read/Write
Alarm 2 state (1 = on).
40029
Factory Calibration
<0000>
<7777>
Read/Write
See MODBUS Calibration explanation.
41001- 41010 Slave ID
See FC17. See FC17.
Read Only
ITMS-4037, 0100 (ver. 1.00), 16 reads, 16 writes, 16 scratch. The version value
could be higher.
41101- 41116 GUID/Scratch
<0000>
<FFFF>
Read/Write
This area is for the user to store any related information.
This register area does not affect ITMS operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com