| データシートサーチシステム |
|
WTS701MF/T データシート(PDF) 64 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701MF/T データシート(HTML) 64 Page - Winbond |
|
64 / 77 page ![]() WTS701 - 64 - 7.10.1 Text Input Format The following table lists the ASCII characters acceptable by the WTS701E (English software version). Please refer to the specific language User’s Guide for more details regarding characters accepted and other development considerations. Note: Unexpected behavior may occur if the input text contains characters that are not defined in this ASCII table. Table 15. Allowable ASCII Characters. 0x0 0x20 Space 0x40 @ 0x60 0x1 0x21 ! 0x41 A 0x61 a 0x2 0x22 0x42 B 0x62 b 0x3 0x23 # 0x43 C 0x63 c 0x4 0x24 $ 0x44 D 0x64 d 0x5 0x25 % 0x45 E 0x65 e 0x6 0x26 & 0x46 F 0x66 f 0x7 0x27 ‘ (apostrophe) 0x47 G 0x67 g 0x8 0x28 ( 0x48 H 0x68 h 0x9 0x29 ) 0x49 I 0x69 i 0xa 0x2a * 0x4a J 0x6a j 0xb 0x2b + 0x4b K 0x6b k 0xc 0x2c , (comma) 0x4c L 0x6c l 0xd 0x2d - (dash) 0x4d M 0x6d m 0xe 0x2e . (period) 0x4e N 0x6e n 0xf 0x2f / (slash) 0x4f O 0x6f o 0x10 ^P 0x30 0 0x50 P 0x70 p 0x11 ^Q 0x31 1 0x51 Q 0x71 q 0x12 0x32 2 0x52 R 0x72 r 0x13 ^S 0x33 3 0x53 S 0x73 s 0x14 0x34 4 0x54 T 0x74 t 0x15 ^U 0x35 5 0x55 U 0x75 u 0x16 ^V 0x36 6 0x56 V 0x76 v 0x17 0x37 7 0x57 W 0x77 w 0x18 0x38 8 0x58 X 0x78 x 0x19 0x39 9 0x59 Y 0x79 y 0x1a EOT 0x3a : (colon) 0x5a Z 0x7a z 0x1b 0x3b 0x5b ] (right bracket) 0x7b 0x1c 0x3c 0x5c \ (back slash) 0x7c 0x1d 0x3d = 0x5d [ (left bracket) 0x7d 0x1e 0x3e 0x5e 0x7e 0x1f 0x3f ? 0x5f _ (under score) 0x7f |