データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WTS701MF/T データシート(PDF) 21 Page - Winbond

部品番号 WTS701MF/T
部品情報  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T データシート(HTML) 21 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 17Page - Winbond WTS701MF/T Datasheet HTML 18Page - Winbond WTS701MF/T Datasheet HTML 19Page - Winbond WTS701MF/T Datasheet HTML 20Page - Winbond WTS701MF/T Datasheet HTML 21Page - Winbond WTS701MF/T Datasheet HTML 22Page - Winbond WTS701MF/T Datasheet HTML 23Page - Winbond WTS701MF/T Datasheet HTML 24Page - Winbond WTS701MF/T Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 21 -
Revision 3.09
7.3.2 Status Register
The WTS701 has a sixteen-bit status register whose value is returned to the host controller during the
command word. For class 2 commands, the status register is repeatedly returned every two bytes.
This status register provides the host with information regarding the current status of the chip. The
host can decide on required actions with this information. The Status Register is echoed back by all
commands.
Table 3. Status Bytes.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Status Byte 0
ICNT
IBUF
ICNV
COD
BFUL
BEMP
CNVT
RDY
Status Byte 1
R/ B
Reserved
Reserved
Reserved Reserved
IABB
Reserved
ICMD
The contents of the status bytes are described in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77