データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EA4533BYH データシート(PDF) 2 Page - Active-Semi, Inc

部品番号 EA4533BYH
部品情報  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA4533BYH データシート(HTML) 2 Page - Active-Semi, Inc

  EA4533BYH Datasheet HTML 1Page - Active-Semi, Inc EA4533BYH Datasheet HTML 2Page - Active-Semi, Inc EA4533BYH Datasheet HTML 3Page - Active-Semi, Inc EA4533BYH Datasheet HTML 4Page - Active-Semi, Inc EA4533BYH Datasheet HTML 5Page - Active-Semi, Inc EA4533BYH Datasheet HTML 6Page - Active-Semi, Inc EA4533BYH Datasheet HTML 7Page - Active-Semi, Inc EA4533BYH Datasheet HTML 8Page - Active-Semi, Inc EA4533BYH Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
OPERATION AMBIENT
TEMPERATURE RANGE
OVP/EN
PIN
PINS
PACKING
ACT4533BYH-T
-40°C to 85°C
OVP/EN
8
TAPE & REEL
ACT4533AYH-T
-40°C to 85°C
OVP
8
TAPE & REEL
PACKAGE
SOP-8EP
SOP-8EP
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HSB
High Side Bias Pin. This provides power to the internal high-side MOSFET gate driver.
Connect a 22nF capacitor from HSB pin to SW pin.
2
IN
Power Supply Input. Bypass this pin with a 10µF ceramic capacitor to GND, placed as
close to the IC as possible.
3
SW
Power Switching Output to External Inductor.
4
GND
Ground. Connect this pin to a large PCB copper area for best heat dissipation. Return
FB, COMP, and ISET to this GND, and connect this GND to power GND at a single
point for best noise immunity.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.808V. Connect to the resistor
divider between output and GND to set the output voltage.
6
COMP
Error Amplifier Output. This pin is used to compensate the converter.
7
EN/OVP
ACT4533A:OVP input. If the voltage at this pin exceeds 0.8V, the IC shuts down high-
side switch. There is a 4µA pull-up current at this pin.
ACT4533B: EN/OVP input. If the voltage at this pin is below 0.65V, the IC remains
shut-off; if the Voltage at this pin exceeds 2.26V, the IC shuts down high side switch.
There is a 4µA pull-up current at this pin.
8
ISET
Output Current Setting Pin. Connect a resistor from ISET to GND to program the
output current.
Exposed Pad
Heat Dissipation Pad. Connect this exposed pad to large ground copper area with
copper and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com