データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5540-AS データシート(PDF) 15 Page - Cirrus Logic

部品番号 CS5540-AS
部品情報  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540-AS データシート(HTML) 15 Page - Cirrus Logic

Back Button CS5540-AS Datasheet HTML 11Page - Cirrus Logic CS5540-AS Datasheet HTML 12Page - Cirrus Logic CS5540-AS Datasheet HTML 13Page - Cirrus Logic CS5540-AS Datasheet HTML 14Page - Cirrus Logic CS5540-AS Datasheet HTML 15Page - Cirrus Logic CS5540-AS Datasheet HTML 16Page - Cirrus Logic CS5540-AS Datasheet HTML 17Page - Cirrus Logic CS5540-AS Datasheet HTML 18Page - Cirrus Logic CS5540-AS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
CS5540
DS503PP1
15
The filter is optimized to yield better than 80 dB re-
jection between 47 Hz to 63 Hz (i.e. 80 dB mini-
mum rejection for both 50 Hz and 60 Hz) when the
master clock is 32.768 kHz. The filter’s output
word rate can be increased by approximately 1.22X
by using a 40 kHz master clock, although the 50/60
Hz rejection will be sacrificed. The filter has a re-
sponse as shown in Figure 11.
Note:
The converter’s digital filter linearly scales
with MCLK.
D31
D30
D29
D28
D27
D26
D25
D24
01
1
1
1
CH
OD
OF
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
MSB
22212019
18
17
16
15
14
13
12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
10
98
76
5
4
3
2
1
LSB
Table 1. Output Conversion Data Register Description (24 bits + flags)
Note:
Plus or minus VFS is defined as a differential input signal equal in magnitude to the voltage between the
VREF+ and VREF- pins. See the text about error flags for overrange and underrange conditions.
Bipolar Input Voltage
Two’s
Complement
>(VFS-1.5 LSB)
7FFFFF
VFS-1.5 LSB
7FFFFF
-----
7FFFFE
-0.5 LSB
000000
-----
FFFFFF
-VFS+0.5 LSB
800001
-----
800000
<(-VFS+0.5 LSB)
800000
Table 2. CS5540 24-Bit Bipolar Output Coding
-140
-120
-100
-80
-60
-40
-20
0
0
20
40
60
80
100
120
Frequency (Hz)
47 Hz
63 Hz
Figure 11. Filter Response (MCLK = 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22