データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLB128B データシート(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 SLB128B
部品情報  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B データシート(HTML) 26 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 22Page - National Semiconductor (TI) SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) SLB128B Datasheet HTML 25Page - National Semiconductor (TI) SLB128B Datasheet HTML 26Page - National Semiconductor (TI) SLB128B Datasheet HTML 27Page - National Semiconductor (TI) SLB128B Datasheet HTML 28Page - National Semiconductor (TI) SLB128B Datasheet HTML 29Page - National Semiconductor (TI) SLB128B Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
LVDS Interface (Continued)
TABLE 5. Conventional Data Mapping for two 12-bit (two data per clock)dual pixel in-to-dual pixel out
application(DUAL = V
CC, Port1 A0-A3 and Port2 A4-A7 are active, BAL = Gnd. ) (Continued)
VGA - TFT Data
Signals Color Bits
Transmitter input pin names
Receiver output pin names
TFT Panel Data
Signals
B3
E1-D15
B21
B1
B3
B4
E1-D16
B22
B2
B4
B5
E1-D17
B23
B3
B5
B6
E1-D18
B24
B4
B6
MSB
B7
E1-D19
B25
B5
B7
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48