| データシートサーチシステム |
|
FT230XS-R データシート(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT230XS-R データシート(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 44 page ![]() Copyright © Future Technology Devices International Limited 12 FT230X USB TO BASIC UART IC Version 1.4 Document No.: FT_000566 Clearance No.: FTDI# 260 CBUS Signal Option Available On CBUS Pin Description VBUS_Sense CBUS0, CBUS1, CBUS2, CBUS3 Input to detect when VBUS is present. Time Stamp CBUS0, CBUS1, CBUS2, CBUS3 Toggle signal which changes state each time a USB SOF is received Keep_Awake# CBUS0, CBUS1, CBUS2, CBUS3 Prevents the device from entering suspend state when unplugged. Table 3.7 CBUS Configuration Control *When in USB suspend mode the outputs clocks are also suspended. |