| データシートサーチシステム |
|
FT230XS-R データシート(PDF) 15 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT230XS-R データシート(HTML) 15 Page - Future Technology Devices International Ltd. |
|
15 / 44 page ![]() Copyright © Future Technology Devices International Limited 15 FT230X USB TO BASIC UART IC Version 1.4 Document No.: FT_000566 Clearance No.: FTDI# 260 RESET Generator - The integrated Reset Generator Cell provides a reliable power-on reset to the device internal circuitry at power up. The RESET# input pin allows an external device to reset the FT230X. RESET# can be tied to VCC or left unconnected if not being used. |