データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IOBUS1 データシート(PDF) 73 Page - Future Technology Devices International Ltd.

部品番号 IOBUS1
部品情報  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FTDI [Future Technology Devices International Ltd.]
ホームページ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS1 データシート(HTML) 73 Page - Future Technology Devices International Ltd.

Back Button IOBUS1 Datasheet HTML 69Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 70Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 71Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 72Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 73Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 74Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 75Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 76Page - Future Technology Devices International Ltd. IOBUS1 Datasheet HTML 77Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
73
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
11Package Parameters
VNC2 is available in six RoHS Compliant packages, three QFN packages (64QFN, 48QFN & 32QFN) and
three LQFP packages (64LQFP, 48LQFP & 32LQFP). All packages are lead (Pb) free and use a ‘green’
compound. The packages are fully compliant with European Union directive 2002/95/EC.
The mechanical drawings of all six packages are shown in sections 11.2 to 11.7– all dimensions are in
millimetres.
The solder reflow profile for all packages can be viewed in Section 11.8.
11.1 VNC2 Package Markings
An example of the markings on each package is shown in Figure 11.1. The FTDI part number is too long
for the 32 QFN package so in this case the last two digits are wrapped down onto the date code line as
shown in Figure 11.2.
Line 4 - Date Code
YY - year year
WW - work week
XXXXXXXXXX
FTDl
YYWW
VNC2-64Q1A
Line 3 – FTDI Part Number
including revision. In this case it shows Rev
A. Please check for most recent revision.
Line 2 – Wafer Lot Number
Line 1 – FTDI Logo
Figure 11.1 Package Markings
XXXXXXXXXX
FTDl
1A YYWW
VNC2-32Q
Figure 11.2 Markings – 32 QFN
The last letter of the FTDI part number is the silicon revision number. This may change from A to B to C,
etc.,. Please check the part number for the most recent revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88