| データシートサーチシステム |
|
IOBUS1 データシート(PDF) 84 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
IOBUS1 データシート(HTML) 84 Page - Future Technology Devices International Ltd. |
|
84 / 88 page ![]() 84 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 Acronyms and Abbreviations Terms Description USB Universal Serial Bus FIFO First In First Out SPI Serial Peripheral Interface PWM Pulse Width Modulation GPIO General Purpose Input Output I/O Input / Output VNC1L Vinculum-I VNC2 Vinculum-II DMA Direct Memory Access IDE Integrated Development Environment BOMS Bulk Only Mass Storage UART Universal Asynchronous Receiver/Transmitter SIE Serial Interface Engine CPU Central Processing Unit SoC System-on-a-chip FAT File Allocation Table RTOS Real Time Operating System VOS Vinculum Operating System OSI Open System Interconnection MOSI Master Out Slave In MISO Master In Slave Out SE0 Single Ended Zero EMCU Embedded Micro Central Processing Unit FPGA Field Programmable Gate Array |