| データシートサーチシステム |
|
IOBUS10 データシート(PDF) 43 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
IOBUS10 データシート(HTML) 43 Page - Future Technology Devices International Ltd. |
|
43 / 88 page ![]() 43 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 6.3.2 Full Duplex In full duplex mode, the SPI slave sends data on MISO line at the same time as it receives data on MOSI. During the command phase this data is always the slave status byte. For a write command, write data can be streamed out of MOSI and status can be sent during each write phase from slave to master. As long as the slave status indicates that it can receive more data, the master can continue to stream further write bytes. Figure 6.5 is an example of this. SS# MISO MOSI 8 bit CMD W0 W1 W2 STATUS STATUS STATUS STATUS Figure 6.5 Full Duplex Data Master Write When the master is performing a data read, the data and status both need to share the same pin (MISO). In this case the master and slave will exchange command and status bytes, followe d by the slave sending its data. If the Master keeps SS# active the Slave will send a further status byte after the data followed by another data byte. This continues until the Master indicates the end of the communications by raising SS#. Figure 6.6 is an example of this. SS# MISO MOSI 8 bit CMD STATUS R0 STATUS R1 Figure 6.6 Full Duplex Data Master Read |