データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IOBUS10 データシート(PDF) 71 Page - Future Technology Devices International Ltd.

部品番号 IOBUS10
部品情報  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FTDI [Future Technology Devices International Ltd.]
ホームページ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS10 データシート(HTML) 71 Page - Future Technology Devices International Ltd.

Back Button IOBUS10 Datasheet HTML 67Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 68Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 69Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 70Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 71Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 72Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 73Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 74Page - Future Technology Devices International Ltd. IOBUS10 Datasheet HTML 75Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
71
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
9.3 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
TBD
Machine mode (MM)
TBD
Charged Device Mode (CDM)
TBD
Latch-up
> ± 200mA
Table 9.6 ESD and Latch-up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88