データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IOBUS12 データシート(PDF) 83 Page - Future Technology Devices International Ltd.

部品番号 IOBUS12
部品情報  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FTDI [Future Technology Devices International Ltd.]
ホームページ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS12 データシート(HTML) 83 Page - Future Technology Devices International Ltd.

Back Button IOBUS12 Datasheet HTML 79Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 80Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 81Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 82Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 83Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 84Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 85Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 86Page - Future Technology Devices International Ltd. IOBUS12 Datasheet HTML 87Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
83
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Appendix A – References
Application, Technical Notes,Toolchain download and precompiled romfile
links
The following VNC2 documents and the full Vinculum-II Toolchain software suite can be downloaded by
clicking on the appropriate links below:
Technical note TN_108
Vinculum Chipset Feature Comparison
Technical note TN_118
Vinculum-II Errata Technical Note
Application note AN_118
Migrating Vinculum Designs From VNC1L to VNC2-48L1A
Application note AN_137
Vinculum-II IO Cell Description
Application note AN_138
Vinculum-II Debug Interface Description
Application note AN_139
Vinculum-II IO Mux Explained
Application note AN_140
Vinculum-II PWM Example
Application note AN_142
Vinculum-II Toolchain Getting Started Guide
Application note AN_144
Vinculum-II IO_Mux Configuration Utility User Guide
Application note AN_145
Vinculum-II Toolchain Installation Guide
Application note AN_151
Vinculum-II User Guide
VNC2 FTDI Web Page
Vinculum-II Web Page
The following application notes provide pre-compiled example rom files and complete source code to
allow users to get started:
Application note AN_182 : VNC2 UART to FT232 HostBridge
Application note AN_183 : VNC2 UART to CDC Modem Bridge
Application note AN_185 : VNC2 UART to USB HID Class HostBridge
Application note AN_186 : an SPI Slave to USB Memory bridge
Application note AN_187 : VNC2 UART to USB Memory Bridge
Application note AN_192 : an SPI Master to a USB HID class host bridge
Application note AN_193 : an SPI Master to a USB HID class host bridge
Application note AN_194 : VNC2 UART to HID Class device bridge
Application note AN_195 : an SPI Master to UART bridge
Application note AN_199 : VNC2 SPI Slave to HID Class device bridge
Application note AN_203 : Loading VNC2 ROM files Using V2PROG Utility
For the most up to date pre-compiled rom files, please refer to the following FTDI webpage
http://www.ftdichip.com/Firmware/Precompiled.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88