| データシートサーチシステム |
|
AT89C51CC03C-RDTIM データシート(PDF) 85 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM データシート(HTML) 85 Page - ATMEL Corporation |
|
85 / 195 page ![]() 85 AT89C51CC03 4182I–CAN–06/05 Table 45. WDTRST Register WDTRST (S:A6h Write only) Watchdog Timer Enable Register Reset Value = 1111 1111b Note: The WDRST register is used to reset/enable the WDT by writing 1EH then E1H in sequence without instruction between these two sequences. 76 543 210 –– ––– ––– Bit Number Bit Mnemonic Description 7 - Watchdog Control Value |