| データシートサーチシステム |
|
AT89C51CC03C-RDTIM データシート(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM データシート(HTML) 22 Page - ATMEL Corporation |
|
22 / 195 page ![]() 22 AT89C51CC03 4182I–CAN–06/05 Table 3. CKCON1 Register CKCON1 (S:9Fh) Clock Control Register 1 Note: 1. This control bit is validated when the CPU clock bit X2 is set; when X2 is low, this bit has no effect. Reset Value = 0000 0000b 76 543 210 SPIX2 Bit Number Bit Mnemonic Description 7-1 - Reserved The value read from these bits is indeterminate. Do not set these bits. 0 SPIX2 SPI clock (1) Clear to select 6 clock periods per peripheral clock cycle. Set to select 12 clock periods per peripheral clock cycle. |