| データシートサーチシステム |
|
AT89C51CC03C-RDTIM データシート(PDF) 182 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM データシート(HTML) 182 Page - ATMEL Corporation |
|
182 / 195 page ![]() 182 AT89C51CC03 4182I–CAN–06/05 Waveforms Figure 84. SPI Slave Waveforms (SSCPHA= 0) Note: 1. Not Defined but generally the MSB of the character which has just been received. Figure 85. SPI Slave Waveforms (SSCPHA= 1) Note: 1. Not Defined but generally the LSB of the character which has just been received. TSLCL TSLCH TCHCL TCLCH MOSI (input) SCK (SSCPOL= 0) (input) SS (input) SCK (SSCPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL TCLIX TCHIX TIVCH TCHOV TCLOV TCHOX TCLOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL TCHSH TCLSH TCHCL TCLCH MOSI (input) SCK (SSCPOL= 0) (input) SS (input) SCK (SSCPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL T CLIX TCHIX TIVCH TCLOV TCHOV TCLOX TCHOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL TCHSH TCLSH TSLCL TSLCH |