| データシートサーチシステム |
|
STM32F303CB データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CB データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 148 page ![]() Table 14. Alternate functions for port A Port & Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF14 AF15 PA0 - TIM2_ CH1_ ETR - TSC_ G1_IO1 -- - USART2_ CTS COMP1 _OUT TIM8_ BKIN TIM8_ ETR -- - EVENT OUT PA1 RTC_ REFIN TIM2_ CH2 - TSC_ G1_IO2 -- - USART2_ RTS_DE TIM15_ CH1N -- - - EVENT OUT PA2 - TIM2_ CH3 - TSC_ G1_IO3 -- - USART2_ TX COMP2 _OUT TIM15_ CH1 -- - - EVENT OUT PA3 - TIM2_ CH4 - TSC_ G1_IO4 -- - USART2_ RX - TIM15_ CH2 -- - - EVENT OUT PA4 - - TIM3_ CH2 TSC_ G2_IO1 - SPI1_ NSS SPI3_NSS, I2S3_WS USART2_ CK -- - - - - EVENT OUT PA5 - TIM2_ CH1_ ETR - TSC_ G2_IO2 - SPI1_ SCK -- - - - - - - EVENT OUT PA6 - TIM16_ CH1 TIM3_ CH1 TSC_ G2_IO3 TIM8_ BKIN SPI1_ MISO TIM1_BKIN - COMP1 _OUT -- - - - EVENT OUT PA7 - TIM17_ CH1 TIM3_ CH2 TSC_ G2_IO4 TIM8_ CH1N SPI1_ MOSI TIM1_CH1N - COMP2 _OUT -- - - - EVENT OUT PA8 MCO - - - I2C2_ SMBA I2S2_ MCK TIM1_CH1 USART1_ CK COMP3 _OUT - TIM4_ ETR -- - EVENT OUT PA9 - - - TSC_ G4_IO1 I2C2_ SCL I2S3_ MCK TIM1_CH2 USART1_ TX COMP5 _OUT TIM15_ BKIN TIM2_ CH3 -- - EVENT OUT PA10 - TIM17_ BKIN - TSC_ G4_IO2 I2C2_ SDA - TIM1_CH3 USART1_ RX COMP6 _OUT - TIM2_ CH4 TIM8_BKIN - - EVENT OUT PA11 - - - - - - TIM1_CH1N USART1_ CTS COMP1 _OUT CAN_RX TIM4_ CH1 TIM1_CH4 TIM1_ BKIN2 USB_ DM EVENT OUT |