データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F303CB データシート(PDF) 46 Page - STMicroelectronics

部品番号 STM32F303CB
部品情報  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB データシート(HTML) 46 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 42Page - STMicroelectronics STM32F303CB Datasheet HTML 43Page - STMicroelectronics STM32F303CB Datasheet HTML 44Page - STMicroelectronics STM32F303CB Datasheet HTML 45Page - STMicroelectronics STM32F303CB Datasheet HTML 46Page - STMicroelectronics STM32F303CB Datasheet HTML 47Page - STMicroelectronics STM32F303CB Datasheet HTML 48Page - STMicroelectronics STM32F303CB Datasheet HTML 49Page - STMicroelectronics STM32F303CB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
Table 15. Alternate functions for port B
Port
&
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
PB0
-
-
TIM3_
CH3
TSC_
G3_IO2
TIM8_
CH2N
-
TIM1_CH2N
-
-
-
-
-
EVENT
OUT
PB1
-
-
TIM3_
CH4
TSC_
G3_IO3
TIM8_
CH3N
-
TIM1_CH3N
-
COMP4_
OUT
-
-
-
EVENT
OUT
PB2
-
-
-
TSC_
G3_IO4
-
-
-
-
-
-
-
-
EVENT
OUT
PB3
JTDO-
TRACES
WO
TIM2_
CH2
TIM4_
ETR
TSC_
G5_IO1
TIM8_
CH1N
SPI1_
SCK
SPI3_SCK,
I2S3_CK
USART2_
TX
-
-
TIM3_
ETR
-
EVENT
OUT
PB4
NJTRST
TIM16_
CH1
TIM3_
CH1
TSC_
G5_IO2
TIM8_
CH2N
SPI1_
MISO
SPI3_MISO,
I2S3ext_SD
USART2_
RX
-
-
TIM17_
BKIN
-
EVENT
OUT
PB5
-
TIM16_
BKIN
TIM3_
CH2
TIM8_
CH3N
I2C1_
SMBA
SPI1_
MOSI
SPI3_MOSI,
I2S3_SD
USART2_
CK
-
-
TIM17_
CH1
-
EVENT
OUT
PB6
-
TIM16_
CH1N
TIM4_
CH1
TSC_
G5_IO3
I2C1_SCL TIM8_CH1
TIM8_
ETR
USART1_
TX
-
-
TIM8_
BKIN2
-
EVENT
OUT
PB7
-
TIM17_
CH1N
TIM4_
CH2
TSC_
G5_IO4
I2C1_
SDA
TIM8_
BKIN
-
USART1_
RX
-
-
TIM3_
CH4
-
EVENT
OUT
PB8
-
TIM16_
CH1
TIM4_
CH3
TSC_
SYNC
I2C1_SCL
-
-
-
COMP1_
OUT
CAN_RX
TIM8_
CH2
TIM1_
BKIN
EVENT
OUT
PB9
-
TIM17_
CH1
TIM4_
CH4
I2C1_
SDA
-
IR_OUT
-
COMP2_
OUT
CAN_TX
TIM8_
CH3
-
EVENT
OUT
PB10
-
TIM2_
CH3
-
TSC_
SYNC
-
-
-
USART3_
TX
-
-
-
-
EVENT
OUT
PB11
-
TIM2_
CH4
-
TSC_
G6_IO1
-
-
-
USART3_
RX
-
-
-
-
EVENT
OUT
PB12
-
-
-
TSC_
G6_IO2
I2C2_
SMBA
SPI2_NSS,
I2S2_WS
TIM1_
BKIN
USART3_
CK
-
-
-
-
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More