データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS3L60UY データシート(PDF) 5 Page - STMicroelectronics

部品番号 STPS3L60UY
部品情報  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60UY データシート(HTML) 5 Page - STMicroelectronics

  STPS3L60UY Datasheet HTML 1Page - STMicroelectronics STPS3L60UY Datasheet HTML 2Page - STMicroelectronics STPS3L60UY Datasheet HTML 3Page - STMicroelectronics STPS3L60UY Datasheet HTML 4Page - STMicroelectronics STPS3L60UY Datasheet HTML 5Page - STMicroelectronics STPS3L60UY Datasheet HTML 6Page - STMicroelectronics STPS3L60UY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID024414 Rev 1
5/7
STPS3L60U-Y
Package information
2
Package information
Epoxy meets UL94,V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. SMB dimension definitions
Figure 13. SMB footprint, dimensions in mm (inches)
Table 5. SMB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.300)
(0.064)
(0.086)



Html Pages

1 2 3 4 5 6 7