データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF6N65M2 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STF6N65M2
部品情報  Extremely low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N65M2 データシート(HTML) 12 Page - STMicroelectronics

Back Button STF6N65M2 Datasheet HTML 8Page - STMicroelectronics STF6N65M2 Datasheet HTML 9Page - STMicroelectronics STF6N65M2 Datasheet HTML 10Page - STMicroelectronics STF6N65M2 Datasheet HTML 11Page - STMicroelectronics STF6N65M2 Datasheet HTML 12Page - STMicroelectronics STF6N65M2 Datasheet HTML 13Page - STMicroelectronics STF6N65M2 Datasheet HTML 14Page - STMicroelectronics STF6N65M2 Datasheet HTML 15Page - STMicroelectronics STF6N65M2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STF6N65M2, STP6N65M2, STU6N65M2
12/18
DocID026776 Rev 1
Table 9. TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Ø3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18