| データシートサーチシステム |
|
PC87303 データシート(PDF) 78 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87303 データシート(HTML) 78 Page - National Semiconductor (TI) |
|
78 / 114 page ![]() 70 Parallel Port (Continued) 2 When WAIT goes low the EPP pulls ASTRB low and waits for WAIT to go high If wait was already low steps 2 and 3 occur concurrently 3 When WAIT goes high the EPP stops pulling IOCHRDY low latches PD0 – PD7 and pulls ASTRB high 4 When RD goes high the EPP puts D0 – 7 in TRI-STATE EPP 19 Data Write and (Backward) Data Read This procedure writes to the selected peripheral drive or register See Figure 7-5 EPP 19 data read and write operations are similar to EPP 19 address read and write operations respectively except that the data strobe (DSTRB signal) and a data register re- place the address strobe (ASTRB signal) and the address register Table 7-6 shows the standard 25-pin D-type connector defi- nition for various parallel port operations TLC12074 – 35 FIGURE 7-5 EPP 19 Address Read TABLE 7-6 Parallel Port Pin Out Connector Chip SPP ECP Pin EPP Mode Pin Pin No Pin No Mode Direction Direction 1 135 STB IO WRITE IO 2 134 PD0 IO PD0 IO 3 133 PD1 IO PD1 IO 4 132 PD2 IO PD2 IO 5 131 PD3 IO PD3 IO 6 129 PD4 IO PD4 IO 7 128 PD5 IO PD5 IO 8 127 PD6 IO PD6 IO 9 126 PD7 IO PD7 IO 10 125 ACK I ACK I 11 124 BUSY I WAIT I 12 123 PE I PE I 13 122 SLCT I SLCT I 14 116 AFD IO DSTRB IO 15 117 ERR I ERR I 16 118 INIT IO INIT IO 17 119 SLIN IO ASTRB IO 78 |