データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC87303 データシート(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 PC87303
部品情報  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 データシート(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 76Page - National Semiconductor (TI) PC87303 Datasheet HTML 77Page - National Semiconductor (TI) PC87303 Datasheet HTML 78Page - National Semiconductor (TI) PC87303 Datasheet HTML 79Page - National Semiconductor (TI) PC87303 Datasheet HTML 80Page - National Semiconductor (TI) PC87303 Datasheet HTML 81Page - National Semiconductor (TI) PC87303 Datasheet HTML 82Page - National Semiconductor (TI) PC87303 Datasheet HTML 83Page - National Semiconductor (TI) PC87303 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
70 Parallel Port (Continued)
762 Software Operation
Software operation is detailed in the document
Extended
Capabilities Port Protocol and ISA Interface Standard To
highlight the ECP usage some software operations are de-
tailed below
1 The software should enable ECP (bit 2 of PCR is 1) after
bits 0 – 3 of the Parallel Port Control Register (CTR) are
0100
2 When ECP is enabled and the software wishes to switch
modes it should switch only through modes 000 or 001
3 When ECP is enabled the software should change direc-
tion only in mode 001
4 The software should switch from mode 010 or 011 to
mode 000 or 001 only when the FIFO is empty
5 The software should switch to mode 011 when bits 0 and
1 of DCR are 0
6 The software should switch to mode 010 when bit 0 of
DCR is 0
7 The software should disable ECP (bit 2 of PCR is 0) only
when in mode 000 or 001
Software may switch from mode 011 backward direction to
modes 000 or 001 when there is an on-going ECP read
cycle In this case the read cycle is aborted by deasserting
AFD The FIFO is reset (empty) and a potential byte expan-
sion (RLE) is automatically terminated since the new mode
is 000 or 001
The ZWS signal is asserted by the ECP when ECP is en-
abled and an ECP register is accessed by host PIO instruc-
tions thus using a host zero wait cycle
The ECP uses the X1OSC clock This clock can be frozen
(a power-down mode) When this power-down mode oc-
curs the DMA is disabled all interrupts (except ACK) are
masked and the FIFO registers are not accessible (access
is ignored) The other ECP registers are always accessible
when the ECP is enabled During this period the FIFO status
and contents are not lost although the host reads bit 2 of
ECR as 0 bit 1 of ECR as 1 and bit 0 of ECR as 1 regard-
less of the actual values of these bits When the clock starts
toggling again these bits resume their original functions (val-
ues)
When the clock is frozen an on-going ECP cycle may be
corrupted but next ECP cycle will not start This is true even
if in forward direction the FIFO is not empty and in back-
ward direction the FIFO is not full If the ECP clock starts or
stops toggling during a host cycle that accesses the FIFO
the cycle may yield wrong data
Note 1
The ECP outputs are inactive when the ECP is disabled
Note 2
Only the FIFODMARLE are not functional when the clock is fro-
zen All other registers are accessible and functional The FIFO
DMARLE are affected by ECR modifications ie they are reset
even when exits from modes 010011 are carried out while the
clock is frozen
77 REGISTER DEFINITIONS
DATAR
Same as DTR register except that read always
returns the values of the PD0 – PD7 pins (not the register
latched data)
AFIFO
ECP Address FIFO Register Write Only In the for-
ward direction (bit 5 of DCR is 0) a byte written into this
register is pushed into the FIFO and tagged as command
Reading this register has no effect and the data read is
undefined Writes to this register during backward direction
(bit 5 of DCR is 1) have no effect and the data is ignored
DSR
Read only Same as the current STR register except
for bit 2 which is reserved
Writes to this register have no effect and the data is ignored
Note
The FDC has a register of the same name (DSR)
DCR
Same as the SPP CTR register with the following
exceptions
1 When bit 5 of the DCR is 0 the ECP is in forward
direction and when bit 5 is high (1) the ECP is in
backward direction
2 The ECP drives the PD0-PD7 pins in the forward
direction but does not drive them in the backward
direction
3 The direction bit bit 5 is readable and writable
4 When the control bit is read the bit values are
provided by the internal data latch These bit val-
ues are not superseded by the logic level of the
STB AFD INIT and SLIN pins
5 Bit 4 of the DCR enables the ACK deassertion
interrupt event (1 e enable 0 e mask) If a level
interrupt is configured (bit 4 of PCR is 1) clearing
this bit clears the ACK pending interrupt request
This bit does not float the IRQ pin
In mode 011 when bit 1 of DRC is 0 AFD is controlled by
ECP hardware When bit 1 of DCR is 1 AFD is driven low
In mode 011 or 010 when bit 0 of DCR is 0 STB is con-
trolled by the ECP hardware When bit 0 of DCR is 1 STB is
driven low
CFIFO
Parallel Port FIFO Register Write only
A byte written or DMAed to this register is pushed into the
FIFO and tagged as data
Reading this register has no effect and the data read is
undefined
DFIFO
ECP Data FIFO Register
In the forward direction (bit 5 of DCR is 0) a byte written or
DMAed to this register is pushed into the FIFO and tagged
as data
Reading this register has no effect and the data read is
undefined
In the backward direction (bit 5 of DCR is 1) the ECP auto-
matically issues ECP read cycles to fill the FIFO Reading
this register pops a byte from the FIFO
Writing this register has no effect and the data written is
ignored
TFIFO
Test FlFO Register
A byte written into this register is pushed into the FIFO A
byte read from this register is popped from the FIFO The
ECP does not issue a ECP cycle to transfer the data to or
from the peripheral device
The TFIFO is readable and writable in both directions In the
forward direction (bit 5 of DCR is 0) PD0 – PD7 are driven
but the data is undefined
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More