データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC87311A データシート(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 PC87311A
部品情報  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A データシート(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 65Page - National Semiconductor (TI) PC87311A Datasheet HTML 66Page - National Semiconductor (TI) PC87311A Datasheet HTML 67Page - National Semiconductor (TI) PC87311A Datasheet HTML 68Page - National Semiconductor (TI) PC87311A Datasheet HTML 69Page - National Semiconductor (TI) PC87311A Datasheet HTML 70Page - National Semiconductor (TI) PC87311A Datasheet HTML 71Page - National Semiconductor (TI) PC87311A Datasheet HTML 72Page - National Semiconductor (TI) PC87311A Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
90 Device Description (Continued)
TLF11362 – 24
Note 3
If SCR0 e 1 then tSINT e 3 RCLKs For a Timeout interrupt tSINT e 8 RCLKs
FIGURE 9-6c PC87312 Timeout Receiver Timing
927 MODEM Control Timing
Symbol
Parameter
Conditions
Min
Max
Units
tMDO
Delay from WR (WR MCR) to Output
40
ns
tRIM
Delay to Reset IRQ from RD (RD MSR)
78
ns
tSIM
Delay to Set IRQ from MODEM Input
40
ns
TLF11362 – 25
Note 1
See Write cycle timing
Figure 9-3
Note 2
See Read cycle timing
Figure 9-2
FIGURE 9-7 MODEM Control Timing
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78