データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP40N65M2 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STP40N65M2
部品情報  Extremely low gate charge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40N65M2 データシート(HTML) 9 Page - STMicroelectronics

Back Button STP40N65M2 Datasheet HTML 5Page - STMicroelectronics STP40N65M2 Datasheet HTML 6Page - STMicroelectronics STP40N65M2 Datasheet HTML 7Page - STMicroelectronics STP40N65M2 Datasheet HTML 8Page - STMicroelectronics STP40N65M2 Datasheet HTML 9Page - STMicroelectronics STP40N65M2 Datasheet HTML 10Page - STMicroelectronics STP40N65M2 Datasheet HTML 11Page - STMicroelectronics STP40N65M2 Datasheet HTML 12Page - STMicroelectronics STP40N65M2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STI40N65M2, STP40N65M2
Package information
DocID027478 Rev 1
9/14
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
I²PAK package information
Figure 20: I²PAK package outline
0004982_Rev_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14