| データシートサーチシステム |
|
STIPN2M50-H データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIPN2M50-H データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() STIPN2M50-H Smart shutdown function DocID030065 Rev 4 13/21 Figure 6: Smart shutdown timing waveforms Please refer to Table 13: "Sense comparator characteristics (VCC = 15 V unless otherwise specified)" for internal propagation delay time details. SHUTDOW N CIRCUIT An approximation of the disable time is given by: H IN /LIN H VG/LVG open-drain gate (internal) com p V ref C P+ PROTECTION Fast shutdown : the driver outputs are set to the SD state as soon as the com parator triggers even if the SD signal hasn’t reached the lowest input threshold disable tim e SD /OD SD/OD V SMART SD LOGIC C_SD R_SD RPD_SD RON_OD Vbias GADG171120161315SA |