データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G30M65DF2 データシート(PDF) 12 Page - STMicroelectronics

部品番号 G30M65DF2
部品情報  Low thermal resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

G30M65DF2 データシート(HTML) 12 Page - STMicroelectronics

Back Button G30M65DF2 Datasheet HTML 8Page - STMicroelectronics G30M65DF2 Datasheet HTML 9Page - STMicroelectronics G30M65DF2 Datasheet HTML 10Page - STMicroelectronics G30M65DF2 Datasheet HTML 11Page - STMicroelectronics G30M65DF2 Datasheet HTML 12Page - STMicroelectronics G30M65DF2 Datasheet HTML 13Page - STMicroelectronics G30M65DF2 Datasheet HTML 14Page - STMicroelectronics G30M65DF2 Datasheet HTML 15Page - STMicroelectronics G30M65DF2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package information
STGP30M65DF2
12/16
DocID027355 Rev 3
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16