| データシートサーチシステム |
|
TNETV2501INPGF データシート(PDF) 167 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2501INPGF データシート(HTML) 167 Page - Texas Instruments |
|
167 / 197 page ![]() Electrical Specifications 167 December 2002 − Revised November 2008 SPRS206K 5.14.2 TIM0/TIM1/WDTOUT General-Purpose I/O Timings Table 5−28 and Table 5−29 assume testing over recommended operating conditions (see Figure 5−30). Table 5−28. TIM0/TIM1/WDTOUT General-Purpose I/O Timing Requirements† NO. MIN MAX UNIT T9 tsu(TIM0GPIO−COH) Setup time, TIM0-GPIO input mode before CLKOUT high 5 ns T10 th(COH−TIM0GPIO) Hold time, TIM0-GPIO input mode after CLKOUT high 0 ns T11 tsu(TIM1GPIO−COH) Setup time, TIM1-GPIO input mode before CLKOUT high 5 ns T12 th(COH−TIM1GPIO) Hold time, TIM1-GPIO input mode after CLKOUT high 0 ns T13 tsu(WDTGPIO−COH) Setup time, WDTOUT-GPIO input mode before CLKOUT high 5 ns T14 th(COH−WDTGPIO) Hold time, WDTOUT-GPIO input mode after CLKOUT high 0 ns † In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT. Table 5−29. TIM0/TIM1/WDTOUT General-Purpose I/O Switching Characteristics† NO. PARAMETER MIN MAX UNIT T6 td(COH−TIM0GPIO) Delay time, CLKOUT high to TIM0-GPIO output mode 10 ns T7 td(COH−TIM1GPIO) Delay time, CLKOUT high to TIM1-GPIO output mode 10 ns T8 td(COH−WDTGPIO) Delay time, CLKOUT high to WDTOUT-GPIO output mode 10 ns † In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT. CLKOUT TIM0 GPIO Input Mode TIM0 GPIO Output Mode T9 T10 T6 TIM1 GPIO Input Mode TIM1 GPIO Output Mode T12 T7 WDTOUT GPIO Input Mode WDTOUT GPIO Output Mode T14 T8 T11 T13 Figure 5−30. TIM0/TIM1/WDTOUT General-Purpose I/O Timings |