データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV2501INPGF データシート(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
部品番号 TNETV2501INPGF
部品情報  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF データシート(HTML) 71 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 67Page - Texas Instruments TNETV2501INPGF Datasheet HTML 68Page - Texas Instruments TNETV2501INPGF Datasheet HTML 69Page - Texas Instruments TNETV2501INPGF Datasheet HTML 70Page - Texas Instruments TNETV2501INPGF Datasheet HTML 71Page - Texas Instruments TNETV2501INPGF Datasheet HTML 72Page - Texas Instruments TNETV2501INPGF Datasheet HTML 73Page - Texas Instruments TNETV2501INPGF Datasheet HTML 74Page - Texas Instruments TNETV2501INPGF Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 197 page
background image
Functional Overview
71
December 2002 − Revised November 2008
SPRS206K
Table 3−16. PLL Divider 2 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D2EN
15
R/W
1
Divider D2 enable
D2EN = 0:
Divider 2 disabled
D2EN = 1:
Divider 2 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV2
4:0
R/W
00011
Divider D2 ratio (SYSCLK2 divider)
PLLDIV2 = 00000:
Divide by 1
PLLDIV2 = 00001:
Divide by 2
PLLDIV2 = 00010:
Reserved
PLLDIV2 = 00011:
Divide by 4
PLLDIV2 = 00100−11111: Reserved
3.9.5.6
PLL Divider3 Register (PLLDIV3) for SYSCLK3
This register controls the value of the divider D3 for SYSCLK3. It is in both the BYPASS and PLL paths.
15
14
8
D3EN
Reserved
R/W, 1
R, 0000000
75
4
0
Reserved
PLLDIV3
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−20. PLL Divider 3 Register Layout (0x1C90)
Table 3−17. PLL Divider 3 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D3EN
15
R/W
1
Divider D3 enable
D3EN = 0:
Divider 3 disabled
D3EN = 1:
Divider 3 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV3
4:0
R/W
00011
Divider D3 ratio (SYSCLK3 divider)
PLLDIV3 = 00000:
Divide by 1
PLLDIV3 = 00001:
Divide by 2
PLLDIV3 = 00010:
Reserved
PLLDIV3 = 00011:
Divide by 4
PLLDIV3 = 00100−11111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More