| データシートサーチシステム |
|
TNETV2501INPGF データシート(PDF) 183 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2501INPGF データシート(HTML) 183 Page - Texas Instruments |
|
183 / 197 page ![]() Electrical Specifications 183 December 2002 − Revised November 2008 SPRS206K HCS HPI.HAS HCNTL[1:0] HR/W HPI.HBIL DS HPI.HD[7:0] HRDY H5 H34 H17 H18 H13 H10 H12 H9 H37 H12 H12 H11 H11 H11 H17 H18 H14 H11 H11 H11 H37 H10 H9 H13 H12 H12 H12 H5 H34 H38 H35 H36 NOTE: Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)]. Figure 5−41. Multiplexed Write Timings Using HPI.HAS |