| データシートサーチシステム |
|
TNETV2501INPGF データシート(PDF) 146 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2501INPGF データシート(HTML) 146 Page - Texas Instruments |
|
146 / 197 page ![]() Electrical Specifications 146 December 2002 − Revised November 2008 SPRS206K Table 5−8. EMIF Switching Characteristics for ECLKOUT2†‡ NO. PARAMETER MIN MAX UNIT E11 tc(EKO2) Cycle time, ECLKOUT2 NE − 1 NE + 1 ns E12 tw(EKO2H) Pulse duration, ECLKOUT2 high 0.5NE − 1 0.5NE + 1 ns E13 tw(EKO2L) Pulse duration, ECLKOUT2 low 0.5NE − 1 0.5NE + 1 ns E14 tt(EKO2) Transition time, ECLKOUT2 1 ns E15 td(EKIH-EKO2H) Delay time, ECLKIN high to ECLKOUT2 high 3 13 ns E16 td(EKIH-EKO2L) Delay time, ECLKIN high to ECLKOUT2 low 3 13 ns † The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. ‡ E = the EMIF input clock (CPU clock, CPU/2 clock, or CPU/4 clock) period in ns for EMIF. N = the EMIF input clock divider; N = 1, 2, or 4. E15 E16 ECLKIN ECLKOUT2 E13 E12 E11 E14 E14 Figure 5−7. ECLKOUT2 Timings for EMIF Module |