データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A5974AD データシート(PDF) 6 Page - STMicroelectronics

部品番号 A5974AD
部品情報  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD データシート(HTML) 6 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 2Page - STMicroelectronics A5974AD Datasheet HTML 3Page - STMicroelectronics A5974AD Datasheet HTML 4Page - STMicroelectronics A5974AD Datasheet HTML 5Page - STMicroelectronics A5974AD Datasheet HTML 6Page - STMicroelectronics A5974AD Datasheet HTML 7Page - STMicroelectronics A5974AD Datasheet HTML 8Page - STMicroelectronics A5974AD Datasheet HTML 9Page - STMicroelectronics A5974AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Pin settings
A5974AD
6/49
Doc ID 018762 Rev 1
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
Table 1.
Pin description
N
Pin
Description
1
OUT
Regulator output.
2
SYNCH
Master/slave synchronization.
3INH
A logical signal (active high) disables the device. If INH is not used, the
pin must be grounded. When it is open, an internal pull-up disable the
device.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23 V. An external resistive divider is required for higher
output voltages.
6VREF
3.3 V VREF. No cap is requested for stability.
7
GND
Ground.
8VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com