データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A5974AD データシート(PDF) 1 Page - STMicroelectronics

部品番号 A5974AD
部品情報  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD データシート(HTML) 1 Page - STMicroelectronics

  A5974AD Datasheet HTML 1Page - STMicroelectronics A5974AD Datasheet HTML 2Page - STMicroelectronics A5974AD Datasheet HTML 3Page - STMicroelectronics A5974AD Datasheet HTML 4Page - STMicroelectronics A5974AD Datasheet HTML 5Page - STMicroelectronics A5974AD Datasheet HTML 6Page - STMicroelectronics A5974AD Datasheet HTML 7Page - STMicroelectronics A5974AD Datasheet HTML 8Page - STMicroelectronics A5974AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
April 2011
Doc ID 018762 Rev 1
1/49
49
A5974AD
Up to 2 A step-down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (see PPAP for more details)
■ 2 A DC output current
■ Operating input voltage from 4 V to 36 V
■ 3.3 V / (±2%) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100% duty cycle
■ 500 kHz internally fixed frequency
■ Voltage feed-forward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Application
■ Dedicated to automotive applications
Description
The A5974AD is a step-down monolithic power
switching regulator with a minimum switch current
limit of 2.5 A, it is therefore able to deliver up to 2
A DC current to the load depending on the
application conditions. The output voltage can be
set from 1.235 V to 35 V. The high current level is
also achieved thanks to a HSOP8 package with
exposed frame, that allows to reduce the RTHJ-A
down to approximately 40 °C/W. The device uses
an internal P-channel DMOS transistor (with a
typical RDS(on) of 250 mΩ) as switching element
to minimize the size of the external components.
An internal oscillator fixes the switching frequency
at 500 kHz. Having a minimum input voltage of
only 4 V, it fits automotive applications requiring
device operation even in cold crank conditions.
Pulse-by-pulse current limit with the internal
frequency modulation offers an effective constant
current short-circuit protection.
HSOP8 - exposed pad
Figure 1.
Application schematic
www.st.com


同様の部品番号 - A5974AD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
More results

同様の説明 - A5974AD

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
Low current operation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
M/A-COM Technology Solu...
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
Zero Bias Operation
logo
STMicroelectronics
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
logo
Wall Industries,Inc.
FA12S43-250 WALL-FA12S43-250 Datasheet
180Kb / 4P
Operation to No Load
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com