データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S50 データシート(PDF) 19 Page - STMicroelectronics

部品番号 ST1S50
部品情報  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 データシート(HTML) 19 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 15Page - STMicroelectronics ST1S50 Datasheet HTML 16Page - STMicroelectronics ST1S50 Datasheet HTML 17Page - STMicroelectronics ST1S50 Datasheet HTML 18Page - STMicroelectronics ST1S50 Datasheet HTML 19Page - STMicroelectronics ST1S50 Datasheet HTML 20Page - STMicroelectronics ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID025723 Rev 4
19/29
ST1S50
Application information
29
6.5
Soft-start capacitor selection
6.5.1
Reset time
The soft-start capacitor allows managing the correct rising of the output voltage to prevent
a high inrush current. Moreover it introduces a reset time in case the device is disabled and
re-enabled through UVLO.
The re-enable through UVLO, after disable though UVLO, must happen after a certain reset
time to assure the proper startup. This reset time is a function of the soft-start capacitor.
A 4.7 M
 resistor value in parallel to the soft-start capacitor is strongly recommended in
order to predict the reset time.
Figure 8. Soft-start circuit
The reset time is so calculated:
Equation 24
Figure 9. Reset time
tRESET
CSS 4.7M 1.97

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29