データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S50 データシート(PDF) 26 Page - STMicroelectronics

部品番号 ST1S50
部品情報  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 データシート(HTML) 26 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics ST1S50 Datasheet HTML 24Page - STMicroelectronics ST1S50 Datasheet HTML 25Page - STMicroelectronics ST1S50 Datasheet HTML 26Page - STMicroelectronics ST1S50 Datasheet HTML 27Page - STMicroelectronics ST1S50 Datasheet HTML 28Page - STMicroelectronics ST1S50 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package information
ST1S50
26/29
DocID025723 Rev 4
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
VFDFPN10 package information
Figure 20. VFDFPN10 (3 x 3 x 1 mm) package outline (bottom view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29