データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1539 データシート(PDF) 22 Page - STMicroelectronics

部品番号 UM1539
部品情報  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 データシート(HTML) 22 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 18Page - STMicroelectronics UM1539 Datasheet HTML 19Page - STMicroelectronics UM1539 Datasheet HTML 20Page - STMicroelectronics UM1539 Datasheet HTML 21Page - STMicroelectronics UM1539 Datasheet HTML 22Page - STMicroelectronics UM1539 Datasheet HTML 23Page - STMicroelectronics UM1539 Datasheet HTML 24Page - STMicroelectronics UM1539 Datasheet HTML 25Page - STMicroelectronics UM1539 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Getting started
UM1539
22/46
Doc ID 023106 Rev 1
Figure 14.
PSWP for permanent write protection
1.2.17
RTC features
The GUI supports the demonstration of three RTCs:
1.
M41T82 RTC mounted on separate daughter card.
2.
M41T83 (QFN package) mounted on separate daughter card.
3.
M41T83 (SOX18 package) mounted on separate daughter card.
RTC mode of the GUI is selected through the RTC selection icon in the GUI. Pressing the
RTC selection icon shows the selection menu for the RTC, as shown in Figure 15.
Figure 15.
RTC selection window
AM12169v1
RTC selection icon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46