データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1871 データシート(PDF) 31 Page - STMicroelectronics

部品番号 UM1871
部品情報  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 データシート(HTML) 31 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics UM1871 Datasheet HTML 33Page - STMicroelectronics UM1871 Datasheet HTML 34Page - STMicroelectronics UM1871 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
DocID027604 Rev 3
31/64
UM1871
Connectors
63
3.5
MicroSD connector CN4
Figure 9. MicroSD connector CN4 (front view)
5PD13
21
PA13
6
PB4
22
PC1
7PG3
23
PA14
8
PB5
24
NC
9PC6
25
PA15
10
PB7
26
PG11
11
P
27
PG9
12
BOOT0
28
PB3
13
PA10
29
PG10
14
NC
30
NC
15
GND
31
GND
16
PB8
32
+3V3
Table 18. Daughterboard connector CN10 (continued)
Pin number
Signal name
Pin number
Signal name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64