データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HBA2 データシート(PDF) 3 Page - Bothhand USA, LP.

部品番号 HBA2
部品情報  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2 データシート(HTML) 3 Page - Bothhand USA, LP.

  HBA2 Datasheet HTML 1Page - Bothhand USA, LP. HBA2 Datasheet HTML 2Page - Bothhand USA, LP. HBA2 Datasheet HTML 3Page - Bothhand USA, LP. HBA2 Datasheet HTML 4Page - Bothhand USA, LP. HBA2 Datasheet HTML 5Page - Bothhand USA, LP. HBA2 Datasheet HTML 6Page - Bothhand USA, LP. HBA2 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130522A
Page 3 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Voltage balance
Dual output
±1% max.
Minimum load
0A
Line regulation
For Vin change of 1%
±1.5% max.
10% max.
15% max.
(5Vout models)
Load Regulation
10% load to full load
20% max. (3.3Vout models)
Ripple and Noise (20MHz Bandwidth)
200mVp-p max.
Maximum capacitive load
See table
Output short circuit protection
1 second
General Specifications
Efficiency
Nominal input and full load
See table
Isolation voltage
Input to output
6400VDC (1 second)
Isolation resistance
500VDC
10
GΩ min.
Isolation capacitance
10pF max.
Switching frequency
80kHz max.
Reliability, calculated MTBF
2×10
6 Hrs
Physical Specifications
Case material
Plastic (UL94 V-0)
Potting material
Epoxy (UL94 V-0)
0.77 × 0.50 × 0.39 Inch
Dimensions
(19.5 ×12.5 × 9.8 mm)
Weight
4.3g (0.15oz) typ.
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com