データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HBA2 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 HBA2
部品情報  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2 データシート(HTML) 1 Page - Bothhand USA, LP.

  HBA2 Datasheet HTML 1Page - Bothhand USA, LP. HBA2 Datasheet HTML 2Page - Bothhand USA, LP. HBA2 Datasheet HTML 3Page - Bothhand USA, LP. HBA2 Datasheet HTML 4Page - Bothhand USA, LP. HBA2 Datasheet HTML 5Page - Bothhand USA, LP. HBA2 Datasheet HTML 6Page - Bothhand USA, LP. HBA2 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130522A
Page 1 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Features
7 pin SIP package
Input / Output Isolation Voltage: 6.4kVDC
High Efficiency
Lead Free Design, RoHS Compliant
Operating temperature: -40°C to +85°C
Optional Reinforced Isolation 8kVDC
Safety Standard / Approval : IEC / EN 60950-1
IEC / EN 60601-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output
Current (mA)
Input Current (mA)
Model
Number
Reinforced
Isolation 8kVDC
Input Voltage
Range(V)
Output
Voltage
(V)
Full Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
HBA2-05S0H6
HBA2-05S0H8
3.3
600
550
76
3300
HBA2-05S1H6
HBA2-05S1H8
5
400
541
78
1200
HBA2-05SBH6
HBA2-05SBH8
7.2
278
526
80
1200
HBA2-05SAH6
HBA2-05SAH8
9
222
513
82
1200
HBA2-05S2H6
HBA2-05S2H8
12
167
513
82
680
HBA2-05S3H6
HBA2-05S3H8
15
132
513
82
680
HBA2-05D0H6
HBA2-05D0H8
±3.3
±300
535
78
±1500
HBA2-05D1H6
HBA2-05D1H8
±5
±200
526
80
±470
HBA2-05DBH6
HBA2-05DBH8
±7.2
±139
526
80
±470
HBA2-05DAH6
HBA2-05DAH8
±9
±111
519
81
±470
HBA2-05D2H6
HBA2-05D2H8
±12
±85
519
81
±330
HBA2-05D3H6
HBA2-05D3H8
4.5 ~ 5.5
Nominal: 5
±15
±66
70
513
82
±330
HBA2-12S0H6
HBA2-12S0H8
3.3
600
223
78
3300
HBA2-12S1H6
HBA2-12S1H8
5
400
219
80
1200
HBA2-12SBH6
HBA2-12SBH8
7.2
278
213
82
1200
HBA2-12SAH6
HBA2-12SAH8
9
222
211
83
1200
HBA2-12S2H6
HBA2-12S2H8
12
167
211
83
680
HBA2-12S3H6
HBA2-12S3H8
15
132
211
83
680
HBA2-12D0H6
HBA2-12D0H8
±3.3
±300
217
80
±1500
HBA2-12D1H6
HBA2-12D1H8
±5
±200
213
82
±470
HBA2-12DBH6
HBA2-12DBH8
±7.2
±139
211
83
±470
HBA2-12DAH6
HBA2-12DAH8
±9
±111
208
84
±470
HBA2-12D2H6
HBA2-12D2H8
±12
±85
208
84
±330
HBA2-12D3H6
HBA2-12D3H8
10.8 ~ 13.2
Nominal: 12
±15
±66
30
206
85
±330
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


同様の部品番号 - HBA2

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
HBA2-05D0H6 BOTHHAND-HBA2-05D0H6 Datasheet
783Kb / 7P
Isolated DC-DC Converters
HBA2-05D1H6 BOTHHAND-HBA2-05D1H6 Datasheet
783Kb / 7P
Isolated DC-DC Converters
HBA2-05D2H6 BOTHHAND-HBA2-05D2H6 Datasheet
783Kb / 7P
Isolated DC-DC Converters
HBA2-05D3H6 BOTHHAND-HBA2-05D3H6 Datasheet
783Kb / 7P
Isolated DC-DC Converters
HBA2-05DAH6 BOTHHAND-HBA2-05DAH6 Datasheet
783Kb / 7P
Isolated DC-DC Converters
More results

同様の説明 - HBA2

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com