データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6751C データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6751C
部品情報  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C データシート(HTML) 21 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 17Page - STMicroelectronics L6751C Datasheet HTML 18Page - STMicroelectronics L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics L6751C Datasheet HTML 24Page - STMicroelectronics L6751C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
DocID025037 Rev 1
21/57
L6751C
Device configuration and pin-strapping tables
57
Table 8. IMAX, SIMAX pinstrapping(1)
Rdown [k
]Rup [k]
IMAX / SIMAX
IMAX [A](2)
SIMAX [A]
GFX
VSA/DDR
10
1.5
40
29
10
2.7
35
21
22
6.8
30
13
10
3.6
25
5
27
11
40
29
12
5.6
35
21
82
43
30
13
13
7.5
25
5
56
36
40
29
18
13
35
21
15
12
30
13
18
16
25
5
15
14.7
40
29
10
11
35
21
18
22
30
13
56
75
25
5
10
15
40
29
12
20
35
21
12
22.6
30
13
39
82
25
5
47
110
40
29
10
27
35
21
22
68
30
13
10
36
25
5
18
75
40
29
15
75
35
21
10
59
30
13
10
75
25
5
10
100
40
29
10
150
35
21
10
220
30
13
10
Open
25
5
1. Recommended values, divider needs to be connected between VCC5 pin and GND.
2. N is the number of phase programmed for the multi-phase section.
N25 56
+
N25 48
+
N25 40
+
N25 32
+
N25 24
+
N25 16
+
N25 8
+
N25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57