| データシートサーチシステム |
|
SPC56EL60X データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 165 page ![]() DocID15457 Rev 12 55/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 138 B[6] SIUL GPIO[22] GPIO[22] MC_CGM clk_out — DSPI_2 CS2 — SIUL — EIRQ[18] 139 F[3] SIUL GPIO[83] GPIO[83] DSPI_0 CS6 — 140 D[2] SIUL GPIO[50] GPIO[50] eTimer_1 ETC[3] ETC[3] FlexPWM_0 X[3] X[3] FlexRay — CB_RX 141 FCCU_F[1] FCCU F[1] F[1] 142 C[6] SIUL GPIO[38] GPIO[38] DSPI_0 SOUT — FlexPWM_0 B[1] B[1] SSCM DEBUG[6] — SIUL — EIRQ[24] 143 A[14] SIUL GPIO[14] GPIO[14] FlexCAN_1 TXD — eTimer_1 ETC[4] ETC[4] SIUL — EIRQ[13] 144 A[15] SIUL GPIO[15] GPIO[15] eTimer_1 ETC[5] ETC[5] FlexCAN_1 — RXD FlexCAN_0 — RXD SIUL — EIRQ[14] 1. VPP_TEST should always be tied to ground (VSS) for normal operations. Table 5. LFBGA257 pin function summary Pin # Port/function Peripheral Output function Input function A1 VSS_HV_IO_RING — A2 VSS_HV_IO_RING — A3 VDD_HV_IO_RING — A4 H[2] SIUL GPIO[114] GPIO[114] NPC MDO[5] — Table 4. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |