| データシートサーチシステム |
|
SPC56EL60X データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 165 page ![]() DocID15457 Rev 12 25/165 SPC56ELx, SPC564Lx Introduction 164 Receive features – Individual programmable filters for each mailbox – 8 mailboxes configurable as a 6-entry receive FIFO – 8 programmable acceptance filters for receive FIFO Programmable clock source – System clock – Direct oscillator clock to avoid FMPLL jitter 1.5.27 FlexRay The FlexRay module provides the following features: Full implementation of FlexRay Protocol Specification 2.1 Rev. A 64 configurable message buffers can be handled Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate Message buffers configurable as transmit or receive Message buffer size configurable Message filtering for all message buffers based on Frame ID, cycle count, and message ID Programmable acceptance filters for receive FIFO Message buffer header, status, and payload data stored in system memory (SRAM) Internal FlexRay memories have error detection and correction |