| データシートサーチシステム |
|
SPC56EL60X データシート(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X データシート(HTML) 133 Page - STMicroelectronics |
|
133 / 165 page ![]() DocID15457 Rev 12 133/165 SPC56ELx, SPC564Lx Electrical characteristics 164 Figure 19. Reset sequence start for Destructive Resets 3.20.4.2 External reset via RESET Figure 20 shows the voltage thresholds that determine the start of the reset sequences initiated by the assertion of RESET as specified in Table 34. Figure 20. Reset sequence start via RESET assertion Table 35. Voltage Thresholds Variable name Value Vmin Refer to Table 20 Vmax Refer to Table 20 Supply Rail VDD_HV_PMU TReset, max starts here TReset, min starts here Supply Rail Vmax t V Vmin TReset, max starts here TReset, min starts here RESET_B 0.65 * VDD_HV_IO t V 0.35 * VDD_HV_IO RESET |