| データシートサーチシステム |
|
ST72321AR6-Auto データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321AR6-Auto データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 243 page ![]() ST72321xx-Auto Package pinout and pin description Doc ID 13829 Rev 1 23/243 25 15 PF0/MCO/AIN8 I/O CT X ei1 X X X Port F0 Main clock out (fOSC/2) ADC Analog Input 8 26 16 PF1 (HS)/BEEP I/O CT HS X ei1 X X Port F1 Beep signal output 27 17 PF2 (HS) I/O CT HS X ei1 X X Port F2 28 - PF3/OCMP2_A/ AIN9 I/O CT X XX X X Port F3 Timer A Output Compare 2 ADC Analog Input 9 29 18 PF4/OCMP1_A/ AIN10 I/O CT X XX X X Port F4 Timer A Output Compare 1 ADC Analog Input 10 30 - PF5/ICAP2_A/ AIN11 I/O CT X XX X X Port F5 Timer A Input Capture 2 ADC Analog Input 11 31 19 PF6(HS)/ICAP1_A I/O CT HS X X X X Port F6 Timer A Input Capture 1 32 20 PF7(HS)/ EXTCLK_A I/O CT HS X XX X Port F7 Timer A External Clock Source 33 21 VDD_0 (1) S Digital Main Supply Voltage 34 22 VSS_0 (1) S Digital Ground Voltage 35 23 PC0/OCMP2_B/ AIN12 I/O CT X XX X X Port C0 Timer B Output Compare 2 ADC Analog Input 12 36 24 PC1/OCMP1_B/ AIN13 I/O CT X XX X X Port C1 Timer B Output Compare 1 ADC Analog Input 13 37 25 PC2(HS)/ ICAP2_B I/O CT HS X X X X Port C2 Timer B Input Capture 2 38 26 PC3(HS)/ ICAP1_B I/O CT HS X X X X Port C3 Timer B Input Capture 1 39 27 PC4/MISO/ ICCDATA I/O CT X XX X Port C4 SPI Master In / Slave Out Data ICC Data Input 40 28 PC5/MOSI/AIN14 I/O CT X XX X X Port C5 SPI Master Out / Slave In Data ADC Analog Input 14 Table 3. Device pin description (continued) Pin No. Pin name Level Port Main function (after reset) Alternate function Input Output |