| データシートサーチシステム |
|
ST72344S2 データシート(PDF) 194 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S2 データシート(HTML) 194 Page - STMicroelectronics |
|
194 / 247 page ![]() Instruction set ST72344xx, ST2345xx 194/247 Doc ID 12321 Rev 6 12.1.7 Relative Mode (direct, indirect) This addressing mode is used to modify the PC register value by adding an 8-bit signed offset to it. The relative addressing mode consists of two submodes: Relative (Direct) The offset follows the opcode. Relative (Indirect) The offset is defined in memory, of which the address follows the opcode. Table 79. Instructions supporting direct, indexed, indirect and indirect indexed addressing modes Long and short instructions Function LD Load CP Compare AND, OR, XOR Logical Operations ADC, ADD, SUB, SBC Arithmetic Addition/subtraction operations BCP Bit Compare Table 80. Short instructions Short instructions only Function CLR Clear INC, DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement BSET, BRES Bit Operations BTJT, BTJF Bit Test and Jump Operations SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles CALL, JP Call or Jump subroutine Table 81. Relative direct/indirect instructions Available relative direct/indirect instructions Function JRxx Conditional Jump CALLR Call Relative |