| データシートサーチシステム |
|
STM8L151C3 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C3 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 122 page ![]() DocID018780 Rev 9 59/122 STM8L151x2, STM8L151x3 Electrical parameters 102 Figure 11. POR/BOR thresholds 9.3.3 Supply current characteristics Total current consumption The MCU is placed under the following conditions: l All I/O pins in input mode with a static value at VDD or VSS (no load) l All peripherals are disabled except if explicitly mentioned. In the following table, data is based on characterization results, unless otherwise specified. Subject to general operating conditions for VDD and TA. |